Part Number Hot Search : 
C75CK 00260 MK23H2 NZ2520S UMY3N US1AL C75CK C1502
Product Description
Full Text Search
 

To Download C3077-71 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
2/3-inch CCD Video Camera C3077-70/-71
v Shown with optional lens.
The C3077-70/-71 incorporates a next generation 2/3-inch CCD into a new compact B/W camera. Features of this model include high resolution, sensitivity, and S/N ratio. An electronic shutter function enables monitoring of moving objects.
[Spectral Response Characteristic]
40 35 30
FEATURES q High Sensitivity q High S/N Ratio
C3077-70 : 60 dB (EIA) C3077-71 : 58 dB (CCIR)
Quantum Efficiency (%)
25 20 15 10 5 0 200
q Small Readout Noise q High Resolution q On-chip Integration
300 400 500 600 700 800 900 1000 1100
C3077-70 : 570 (H) x 485 (V) TV Line (EIA) C3077-71 : 560 (H) x 575 (V) TV Line (CCIR) A dedicated camera control unit enables images to be accumulated on the CCD chip with improved sensitivity.
Wavelength (nm)
*This is typical, not guaranteed.
SPECIFICATIONS
Type no. Pickup device Scan type Number of pixels Cell size Effective number of pixels Resolution Lens mount (F,B) Sync system Internal sync C3077-70 2/3" Interline transfer CCD Interrace scan (H) x (V) (H x V) m (H x V) TV lines 768 x 494 11.6 x 13.5 756 x 485 570 x 485 C-mount (17.526 mm) EIA HD/VD SYNC R.R. Impedance Yes Yes Yes Yes 75 (High) ON / OFF / Fixed 1 / 0.45 Video (HD / VD) 0.3 lux, F1.4, (AGC = ON, = OFF) DC 12 V (12P) 2.1 W 400 lux, F16 (2856 K) 60 dB Flickerless, 1/125 to 1/10,000 sec. Yes 58 dB CCIR 752 x 582 11.6 x 11.2 739 x 575 560 x 575 C3077-71
External sync
AGC Gamma Camera output Minimum sensitivity Power requirements Power consumption Typical sensitivity S/N ratio Electronic shutter On-chip integration
SYSTEM CONFIGURATION EXAMPLES * The system can be configured to accommodate various applications,
including image acquisition, image enhancement, image improvement, image measurement, and image filing.
DIMENSIONAL OUTLINES (UNIT: mm)
13 2-M3 (d4.0)
260.3
65.5 44 8 57.5
AC adaptor A3472-04
A3472 AC ADAPTOR
POWER
B/W Video monitor
29
CCD CAMERA
4-M3 (d4.0)
C-mount lens
C3077-70/-71 Camera Control Unit C2741-60
CAMERA CONTROLLER
CONTRAST ENHANCEMENT
POWER
NORM
VIDEO LEVEL
OVER
SHADING
MODE DIAS NORM
GAIN
OFFSET
MIN
MAX
-
0
Computer
260.3
13
500.5
Camera Control Unit C2741-90
CAMERA CONTROLLER
CONTRAST ENHANCEMENT
POWER
NORM
* TRIPOD ATTACHMENT
2- 4.5 1/4-20 UNC
VIDEO LEVEL
OVER
4pcs of M2 x 4 are to be used.
GAIN
OFFSET
SENSITIVITY
MIN
MAX
-
0
MIN
MAX
25
25 28 59
40
4- 2.1
8
ISO 9001 Certificate: 09 105 79045
(Weight: Approx. 110g)
5 Product and software package names noted in this documentation are trademarks or registered trademarks of their respective manufacturers.
q q
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office . Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications and external appearance are subject to change without notice. .
(c) 2000 Hamamatsu Photonics K.K.
Homepage Address http://www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Systems Division 812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852, E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de , France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10, E-mail: infos@hamamatsu.fr United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire, AL7 1BW, U.K., Telephone: (44) 1707-294888, Fax: (44) 1707-325777, E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Mois, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it Cat. No. SICS1070E02
SEP/2001 HPK Created in Japan (PDF)


▲Up To Search▲   

 
Price & Availability of C3077-71

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X